Part Number Hot Search : 
00095 2272C BLT11 2SK544E XC2401A 120SC SFH4813 KTC3229
Product Description
Full Text Search
 

To Download TF-GENE-1425-A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  risc cpu modules note: all specifications are subject to change without notice. 09-1 features specifications 09 1757902000 ? +12v output power adapter 1701100207 x 2 ? 2 com port cables 1709100201 ? usb cable null modem cable ? cross over ethernet cable ? quick installation guide ? utility cd ? gene-1425 ? packing list risc cpu module with intel xscale? ixp420/422/425 network processor system form factor 3.5? processor onboard intel xscale? ixp420/422/425 266/533mhz network processor system memory onboard 32/64/128mb sdram ethernet realtek rtl8305sc for one wan port and four lan ports intel? 82551qm for an additional wan port 10/100base-tx, rj-45 x 6 boot loader redboot watchdog timer generates a time-out system reset, setting via software expansion interface type iii mini pci socket x 2, expansion bus power requirement +9v ~ +24v power consumption (typical) 266mhz, 32mb sdram +12v @ 0.39a board size 6.14? (l) x 4? (w) (156 mm x 101.6 mm) gross weight 0.88 lb (0.4 kg) operating temperature 32?f ~ 140?f (0?c ~ 60?c) storage temperature -40of ~ 176of (-40oc ~ 80oc) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 90,000 i/o storage intel? strataflash? 16mb, type ii compactflash? serial port rs-232 x 2 (tx, rx, cts, rts only) usb usb 2.0 host x 2, usb1.1 client x 1 digital i/o supports 8-bit (programmable) wan port lan port usb1.1 client usb 2.0 host lan status led digital i/o power led two type iii mini pci (both sides) jtag port expansion bus reset button power input com port TF-GENE-1425-A10 ? risc, ixp420, 32mb ram, 4 lan, 2 wan, 2 com, usb 2.0, 16mb flash, compactflash?, 2 mini pci, rev. a1.0 ordering information gene-1425 intel xscale? ixp420/422/425 network processor onboard 32/64/128mb sdram wan port x 2, lan port x 4 onboard 16mb strataflash? com port x 2, usb 2.0 host x 2, usb1.1 client x 1 type iii mini pci slot x 2 montavista linux pre-installed in onboard flash memory +9v to +24v dc input


▲Up To Search▲   

 
Price & Availability of TF-GENE-1425-A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X